this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0955022443 status: active overview: modular_plugs_jacks description: modular jack, through hole version, bottom entry, 4/4 circuits documents: 3d model product specification ps-95502-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e107635 general product family modular jacks/plugs series 95502 component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj11 physical boot color n/a color - resin black durability (mating cycles max) 200 flammability 94v-0 inverted / top latch no lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation bottom entry pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 50.8 plating min: mating (m) 1.27 plating min: termination (in) 76 plating min: termination (m) 1.9 ports 1 positions / loaded contacts 4/4 surface mount compatible (smc) yes temperature range - operating -40c to +80c termination interface: style through hole waterproof / dustproof no wire/cable type n/a electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 95502 series mates with 90075 fcc 68 plug
current - maximum per contact 1.5a shielded no voltage - maximum 125v dc material info reference - drawing numbers packaging specification pk-95002 product specification ps-95502-001 sales drawing SD-95502-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information
|